PART |
Description |
Maker |
UT28F256 UT28F256T-45UPX 5962F9689103QXA 5962F9689 |
Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). 320 x 240 pixel format, LED or CFL Backlight Recalibration Service for 2120B B&K Oscilloscope Oscilloscope; Scope Type:Analog; Scope Bandwidth:30 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:12ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm Recalibration Service for 2125A B&K Oscilloscope Radiation-Hardened 32K x 8 PROM 辐射加固32K的8胎膜早破 Recalibration Service for 2120B B&K Oscilloscope 辐射加固32K的8胎膜早破 Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-Hardened 32K x 8 PROM
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc. NEC, Corp. Aeroflex Circuit Techno...
|
5962-04238 5962-04239 5962-04240 5962-04241 5962-0 |
10W Total Output Power 28 Vin 3.3 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04238 10W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04239 10W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04240 10W Total Output Power 28 Vin 15 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04241 10W Total Output Power 28 Vin /-5 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04242 10W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04243 10W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04244
|
International Rectifier
|
PM7325-TC |
S/UNI-ATLAS-3200 Telecom Standard Product Data Sheet Preliminary S/UNI-ATLAS-3200电信标准产品数据的初
|
PMC-Sierra, Inc.
|
R15KP20 R15KP200A R15KP200C R15KP100 R15KP100A R15 |
TRANSIENT VOLTAGE SUPPRESSORS Diode TVS Single Uni-Dir 100V 15KW 2-Pin Case 5R Diode TVS Single Uni-Dir 90V 15KW 2-Pin Case 5R Diode TVS Single Bi-Dir 40V 15KW 2-Pin Case 5R Diode TVS Single Bi-Dir 26V 15KW 2-Pin Case 5R Diode TVS Single Uni-Dir 36V 15KW 2-Pin Case 5R Diode TVS Single Uni-Dir 51V 15KW 2-Pin Case 5R Diode TVS Single Uni-Dir 70V 15KW 2-Pin Case 5R Diode TVS Single Uni-Dir 58V 15KW 2-Pin Case 5R Diode TVS Single Uni-Dir 180V 15KW 2-Pin Case 5R
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct... New Jersey Semiconductors
|
HI3338KIB FN4134 HI3338KIP HI3338 |
TVS DUAL-UNI SGL-BI 300MW SOT-23 PARALLEL, 8 BITS INPUT LOADING, 0.02 us SETTLING TIME, 8-BIT DAC, PDIP16 8-Bit CMOS R2R D/A Converter From old datasheet system 8-Bit, CMOS R2R D/A Converter
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AIQ02R300-L |
Total Power: 65 Watts
|
Artesyn Technologies
|
AGF800-48S48P-6L |
Total Power: 800 Watts
|
Artesyn Technologies
|
AGH150-48S05-6 AGH150-48S05B-6 AGH150-48S05P-6 AGH |
Total Power: 150 Watts
|
Artesyn Technologies
|
5962R-0323502QUA 5962R-0323501VUC 5962R-0323502QUC |
512K x 18 SRAM: SMD. 15ns access time, CMOS I/O. Class Q. Lead finish hot solder dipped. Total dose 100K rad(Si). 512K x 18 SRAM: SMD. 15ns access time, CMOS I/O. Class V. Lead finish gold. Total dose 100K rad(Si). 512K x 18 SRAM: SMD. 15ns access time, CMOS I/O. Class Q. Lead finish gold. Total dose 100K rad(Si). 512K x 18 SRAM. 15ns access time. Lead finish hot gold. 512K x 18 SRAM. 15ns access time. Lead finish hot solder dipped. 512K x 18 SRAM. 15ns access time. Lead finish gold. Prototype flow. 512K x 18 SRAM. 15ns access time. Lead finish factory option. 512K x 18 SRAM: SMD. 15ns access time, CMOS I/O. Class Q. Lead finish factory option. Total dose 100K rad(Si). 512K x 18 SRAM: SMD. 15ns access time, CMOS I/O. Class V. Lead finish hot solder dipped. Total dose 100K rad(Si).
|
Aeroflex Circuit Technology
|
AAT2603 AAT2603INJ-2-T1 AAT2603INJ-3-T1 |
Total Power Solution for Portable Applications
|
Advanced Analogic Technologies
|